Part Number Hot Search : 
G936T81B MSQ94P33 CXA18 MP2463 2SC5079 MAX1640C 6715MMM 32N162
Product Description
Full Text Search
 

To Download CZRW5259B-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Zener Diodes
CZRW5221B-G thru CZRW5259B-G
Voltage: 2.4 ~ 39 Volts Power: 500 mW Features:
Planar Die Constructions 500mW Power Dissipation
.028 (0.70) .019 (0.50)
SOD-123
.154 (3.90) .141 (3.60) .110 (2.80) .098 (2.50) .071 (1.80) .055 (1.40) .016 (.40) Min.
Zener Voltages from 2.4V ~ 39V Ideally Suited for Automated Assembly Processes
Mechanical Data:
Case: SOD-123, Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Below Mounting position: Any Approx. Weight: 0.008 gram
.053 (1.35) .037 (0.95)
.005 (.12) Max.
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characterics
Parameter Power Dissipation (Note A) at 75oC Peak Forward Surge Current Surge, 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) (Note B) Operating Junction and Storage Temperature Range Symbols Value 500 Units
mW
PD IFSM Tj
.008 (0.20) Max.
4
A
o
-55 to +150
C
Notes: A. Mounted on 5.0mm2(.013mm thick) land areas. B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
"-G" suffix designated RoHS compliant version
www.comchiptech.com
Page1
Surface Mount Zener Diodes
CZRW5221B-G thru CZRW5259B-G
Maximum Ratings and Electrial Characterics
(TA=25 unless otherwise noted) VF=1.2V, IF=100mA for all types
Nominal Zener Voltage Part Number VZ @ IZT Nom. V
CZRW5221B-G CZRW5222B-G CZRW5223B-G CZRW5225B-G CZRW5226B-G CZRW5227B-G CZRW5228B-G CZRW5229B-G CZRW5230B-G CZRW5231B-G CZRW5232B-G CZRW5234B-G CZRW5235B-G CZRW5236B-G CZRW5237B-G CZRW5238B-G CZRW5239B-G CZRW5240B-G CZRW5241B-G CZRW5242B-G CZRW5243B-G CZRW5245B-G CZRW5246B-G CZRW5248B-G CZRW5250B-G CZRW5251B-G CZRW5252B-G CZRW5254B-G CZRW5255B-G CZRW5256B-G CZRW5257B-G CZRW5258B-G CZRW5259B-G
NOTE: 1. Tolerance and T ype Number Designation. The type numbers listed have a standard tolerance on the nominal zener voltage of 5%. 2. Specials Available Include: A. Nominal zener voltages between the voltages shown and tighter voltage tolerances. B. Matched sets. 3. Zener V oltage (V Z) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (T
L)
Max. Zener Impedance ZZT @ IZT ZZK @ IZK Ohm 1200 1250 1300 1600 1600 1700 1900 2000 1900 1600 1600 1000 750 500 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Max Reverse Leakage Current IR @ VR nA 100 100 75 50 25 15 10 5 5 5 5 5 3 3 3 3 3 3 3 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 V 1 1 1 1 1 1 1 1 2 2 3 4 5 6 6 6.5 6.5 8 8.4 9.1 9.9 11 12 14 15 17 18 21 21 23 25 27 30
Min. V 2.28 2.38 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.27 8.65 9.5 10.45 11.4 12.35 14.25 15.2 17.1 19 20.9 22.8 25.65 26.6 28.5 31.35 34.2 37.05
Max. V 2.52 2.63 2.84 3.15 3.47 3.78 4.1 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.14 9.56 10.5 11.55 12.6 13.65 15.75 16.8 18.9 21 23.1 25.2 28.35 29.4 31.5 34.65 37.8 40.95
Ohm 30 30 30 30 28 24 23 22 19 17 11 7 5 6 8 8 10 17 22 30 13 16 17 21 25 29 33 41 44 49 58 70 80
mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 8.5 7.8 7 6.2 5.6 5.2 5 4.5 4.2 3.8 3.4 3.2
Zener Current IZM@ TA mA 188 180 167 150 138 126 115 106 97 89 81 73 67 61 58 55 50 45 41 38 35 30 28 25 23 21 19.1 16.8 16.2 15.1 13.8 12.6 11.6
500 mWatts Zener Diodes
2.4 2.5 2.7 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 15 16 18 20 22 24 27 28 30 33 36 39
at 30 O C, from the diode body . equal to 10% of the dc zener
4. Zener Impedance (Z Z) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an AC current having an rms value current (I ZT or IZK ) is superimposed on IZT or IZK .
5. Surge Current (IR ) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT , per JEDEC registration; however, actual device capability is as described in Figure 5.
"-G" suffix designated RoHS compliant version
www.comchiptech.com
Page2
Surface Mount Zener Diodes
CZRW5221B-G thru CZRW5259B-G
8 7 100
TEMPERATURE COEFFICIENT,mV/ o C)
6 5 4 3 2
1
TEMPERATURE COEFFICIENT,mV/ o C)
3 4 5 6 7 8 9 10 11 12
10
0 -1 -2 -3 2
1 10
100
NOMINAL ZENER VOLTAGE, Volts
NOMINAL ZENER VOLTAGE, Volts
TYPICAL
REVERSE
CURRENT
STEAD Y S TAT E POWER
DERA TING
1000
FORWARD CURRENT, mA
1000
TJ=25 C IZ(AC)=0.1IZ(DC) F=1 kHZ
O
DYNAMIC IMPEDANCE,
IZ = 1 mA
100
5 mA 20 mA
100
10
10
150 C
75OC
O
25 C
O
5C
O
1
1
10
NORMAL ZENER VOLTAGE, Volts
100
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
FORWARD VOLTAGE, Volts
TYPICAL
FORW ARD VOL TAGE
1.2 1.0 0.8 0.6
1000 0 V BIAS 1 V BIAS 100 BIAS AT 50% OF VZ NOM 10
TA=25oC
POWER DISSIPATION, Watts
PD V.S. TA
0.4 0.2 0
CAPACITANCE, pF
75 100 125 150 155
25
50
1
TEMPERATURE ( oC)
1
10
NOMINAL ZENER VOLTAGE, Volts
100
"-G" suffix designated RoHS compliant version
www.comchiptech.com
Page3
Surface Mount Zener Diodes
CZRW5221B-G thru CZRW5259B-G
100
TA=25 C
ZENER CURRENT, mA ZENER CURRENT, mA
o
100
TA=25oC
10
10
1
1
0.1
0.1
0.01
0
2
4
6
8
10
12
0.01
10
30
50
70
90
ZENER VOLTAGE, Volts
ZENER VOLTAGE, Volts
ZENER
VOL TAGE V.S. ZENER
CURRENT
ZENER
VOL TAGE V.S. ZENER
CURRENT
1000
LEAKAGE CURRENT ( A)
100 10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70
+150 C
O
+25OC -55 C
80 90
O
NOMINAL ZENER VOLTAGE, Vlots
"-G" suffix designated RoHS compliant version
www.comchiptech.com
Page4


▲Up To Search▲   

 
Price & Availability of CZRW5259B-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X